PART |
Description |
Maker |
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
BP5047B15 |
AC/DC converter AC220V input, 15V/150mA output
|
Rohm
|
BP5042A15 |
AC/DC converter - AC220V input, 15V/500mA output type
|
Rohm
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
NPH25S2415EI NPH25S4815EI NPH25S2412EI NPH25S4812E |
DC/DC CONVERTER 15V 1.7A DC/DC CONVERTER 12V 2.1A 直流/直流转换12V.1A DC/DC CONVERTER 3V 7.3A
|
Electronic Theatre Controls, Inc.
|
REC2.2-2405SU REC2.2-2405DU REC22-33SU REC2.2-3.31 |
2.2W DC/DC converter with 5V input, -15V/ -75mA output MICRO 31 SKT 18" RBW JACKS ECONOLINE -直流/直流转换 MICRO 31 SKT 18" RBW JACKP ECONOLINE -直流/直流转换 ECONOLINE - DC/DC -CONVERTER ECONOLINE -直流/直流转换
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
BP5067-15 |
AC100V input, 15V/300mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
RNS0.6ZH-M6 RNS01EE RNS01EE-M6 RNS01EG-M6 RNS03ZE- |
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V/ 5.0V/ 7.0V and 12V Outputs Outputs of 2.5V & 15V/ available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming 报考系列:5 - 10W的DC / DC转换18-72
|
POWER-ONE[Power-One]
|
S7DC-16D330 S7DC-16D33D S7DC-16D33S |
NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
|
Bel Fuse Inc.
|
LTC3421 LTC3422 LTC3458 LTC3459 LTC3122 LTC3499 LT |
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
|
Linear Technology
|
EV2106DQ-00A EV2106DK-00A |
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
|
Monolithic Power Systems, Inc.
|